Part Number Hot Search : 
DWR2G AD5532 B1561 BCW60B LA38B PXA90 DP000 A5801017
Product Description
Full Text Search
 

To Download 1307032 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 QuickMount Micro GPS Patch Antennas
1307032
1307032
QuickMount Micro GPS Patch Antennas
QuickMount Micro GPS Patch Antennas with mounting options Model ANPC-128 - Passive Model ANPC-131 - Active Model ANPC-135 - Active
Our QuickMount Micro GPS Patch Antennas are compact, right hand circularly polarized units ideal for applications where small size and versatile mounting is a must. The active ANPC-131 QuickMount combines all thefeatures of our passive antenna with a low noiseamplifier and filter. The design provides for DC transient protection on the input and output sides of the LNA circuit, eliminating the possibility of surge damage. QuickMount's compact size fits any vehicular or portable receiver, and the LNA's low noise figure actually improves receiver performance. Strong satellite lock is achieved by the low signalto-noise ratio and through rejection of out-of-band interference. Temporary installation using the suction cup or magnetic mounts make these antennas excellent choices for fleet management, small aircraft, and marine navigation applications. Choice of connector type and cable length. Optional bracket mounts allow both fixed and temporary installations.
Additional Specifications for Active Antennas
Filtering: -25.5 dB Typical @ 50 MHz (Model ANPC-131) -27.0 dB Typical @ 50 MHz (Model ANPC-135) 1.5 dB Max 26 dBic 2 dB (Model ANPC-131) 33 dBic 2 dB (Model ANPC-135) +5 VDC 0.5 VDC @ 30 mA Max. Zener diode limited
Noise Figure Gain: * DC Power: Voltage Protection:
Specifications for both Passive and Active Antennas
Frequency: Antenna Gain: * VSWR Temperature: 1575 MHz 2 MHz .75 dBic Typical @ zenith 1.5:1 Max (Passive); 1.2:1 Typical 1.5:1 Max (Active) -40 C to +95 C
Connector Options
BNC: Male SMB: Jack, Plug or Right Angle Female OSX: Male, Female or Right Angle Jack TNC: Male or Female N: Male or Female SMA: Male or Female
Mounting Options
Magnet Mount No-Show Bracket Visible Bracket Suction Cup
*Note: Cable Loss of approximately .42 dB/ft. not included.
V4.00
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 s Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks. Specifications subject to change without notice.
QuickMount Micro GPS Patch Antennas
1307032
Antenna Zenith Gain vs Ground Plane Size GPS Micro Patch Antennas
6.00
Typical Anntenna Pattern (10 dB/division)
0 340 330 350 10 20 30 40 50 60 70 80 90 100 110 120 130 220 210 200 190 180 170 160 150 140
5.00
320 310
4.00
300 290
3.00
280
2.00
270 260
1.00
250
0.00 0 1 2 3 4 5 6
240 230
Ground Plane Size (Diameter Inches)
R(.19) ALL AROUND (1.562) SQ R(.13) 4 PL
(.585) (.125)
60.00 .50 (5 FEET) OSX MALE CONN
(.62)
(.25) (.84) (.75)
(.25) (.84)
(.25) (.84)
(.84) (.50) (2.49) (2.78) (.84) (.38) (.84) (.25) (.50)
(1.13)
(1.00) (2.31)
(.50) (1.94)
(1.02)
(.50)
(.84)
Suction Cup
Magnet
Visible Bracket
No-Show Bracket
Mounting Options for Quickmount Micro GPS Patch Antennas
V4.00
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 s Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks. Specifications subject to change without notice.


▲Up To Search▲   

 
Price & Availability of 1307032

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X